part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00117 cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 awg, ul1185, shielded speci cations: plug description (1) ?2.50 x 5.5 x 30 0.5, black insulator, p/n 50-00011 plug overmold (2) 30p, pvc, black cable description (3) ul1185, 0.16 x 41 strands, shield wire, 1f cable outer diameter ?3.4 0.1 cable color black cable gauge awg #18 cable length 2000 50 twist tie (4) black, 89 3, non-toxic rated load 12 vdc @ 5 a notes: function test: no open, no reversed polarity, no short circuit, no int hi-pot test: 600 vac, 0.5 ma, 1 sec. rohs compliant mechanical drawing: tolerance x: 0.5 mm .x: 0.3 mm .xx: 0.05 mm 1 of 3 initial date
part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00117 cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 awg, ul1185, shielded material insulation jacket unaged tensile strength (kfg/mm 2 min) 1.05 1.05 elongation (%min) 100 100 aging test condition 113c/168 h 113c/168 h elongation (% unaged min) 65 65 tensile strength (% unaged min) 75 75 deformation (121 1 c x 1 hour) 50% 50% cold bend (-10 1 c x 1 hour) ok ok heat shock (121 1 c x 1 hour) ok ok ame test vw-1 vw-1 jacket material f0208c 60p (4026) ul 80c color black diameter ?3.4 0.10 cable speci cations: conductors gauge 18 awg material brass copper cord size 41/0.16 tc electrical & physical properties spiral shield 41/0.16 tc rated voltage 300 v rated temperature 80 c insulation resistance 0.76 (15.6 c) m / m min. resistance @ 20 c 21.8 m /m max conductor insulation shield pvc jacket cable cross section: 2 of 3 insulation material f0040c 50pb (4370) ul 80c color white diameter ?1.60 0.05
part number: description: date: unit: page: rev: ph 661.702.0035 fx 661.702.0038 29033 avenue sherman ste 203 valencia, ca 91355 www.tensility.com 05/28/09 mm a 10-00117 cable, 2000 mm, 50-00011 locking dc plug to 50-00011 locking dc plug, 18 awg, ul1185, shielded revision notes: rev date description a may 28, 2009 initial release 3 of 3 spec sign-off veri es that you have reviewed the entire speci cation, tested a sample of the product, and con rm that it meets your requirements. this speci cation re ects the part as it will be ordered. orders will not be processed until the speci cation pages have been initialed and the approval page has been signed. this speci cation is con dential and is not to be transmitted without prior approval from tensility. signature title name date speci cation approval
|